PART |
Description |
Maker |
IRFU420B IRFR420B IRFU420BTU IRFR420BTM IRFR420BTF |
500V N-Channel B-FET / Substitute of IRFR420 & IRFR420A 500V N-Channel B-FET / Substitute of IRFU420 & IRFU420A 500V N-Channel MOSFET 2.3 A, 500 V, 2.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] International Rectifier Fairchild Semiconductor, Corp.
|
IRFP460 6179 -IRFP460 |
N-Channel 500V-0.22惟-20A- TO-247 PowerMESH MOSFET(N娌??MOSFET) N-Channel 500V-0.22Ω-20A- TO-247 PowerMESH MOSFET(N沟道MOSFET) N沟道500V -0.22Ω- 20A条至247 PowerMESH MOSFET的(不适用沟道MOSFET的) N-Channel Power MOSFET N - CHANNEL 500V - 0.22 - 20 A - TO-247 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
|
IXYS, Corp. 意法半导 ST Microelectronics STMicroelectronics
|
FQA13N50C |
500V N-Channel Advance Q-FET C-Series 500V N-Channel MOSFET 13.5 A, 500 V, 0.48 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRFU410 FN3372 IRFR410 |
1.5A, 500V, 7.000 Ohm, N-Channel Power
MOSFETs(1.5A, 500V, 7.000 Ω N沟道MOSFET) From old datasheet system 1.5A, 500V, 7.000 Ohm, N-Channel Power MOSFETs 1.5A / 500V / 7.000 Ohm / N-Channel Power MOSFETs
|
Intersil Corporation
|
STP8NM50FP STP8NM50 |
N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh?Power MOSFET N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh⑩Power MOSFET N沟道500V - 0.7ohm - ⑩第8A TO-220/TO-220FP的MDmesh功率MOSFET N - CHANNEL POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
IRF840 IRF840PBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A)
|
IRF[International Rectifier]
|
IRF830S IRF830STRL IRF830STRR |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A)
|
IRF[International Rectifier]
|
STB6NB50 STB6NB50-1 |
FUSE/SM .8W, VMAX = 6 VDC, I(TRIP) = 2.2 A 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 5.8AI(四)|62AA N-CHANNEL Power MOSFET N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET N - CHANNEL 500V - 1.35 Ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
STD7NM50N-1 STP7NM50N STF7NM50N STD7NM50N |
N-channel 500V - 0.70Ω - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh Power MOSFET N-channel 500V - 0.70楼? - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh垄芒 Power MOSFET N-channel 500V - 0.70ヘ - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STP12NM50 STP12NM50FP STB12NM50-1 |
N-CHANNEL MOSFET with FAST DIODE N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh Power MOSFET N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh]Power MOSFET N-CHANNEL 500V 0.3OHM 12A TO-220/TO-220FP/I2PAK MDMESH POWER MOSFET
|
ST Microelectronics STMicroelectronics SGS Thomson Microelectronics
|
STW20NM50 |
N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?┬ower MOSFET N-CHANNEL Power MOSFET N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh⑩Power MOSFET N-CHANNEL 500V - 0.20 OHM - 20A TO-247 MDMESH POWER MOSFET N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?Power MOSFET N-CHANNEL 500V - 0.20 OHM - 20A TO-247 MDMESH POWER MOSFET
|
??????浣? ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|